PART |
Description |
Maker |
XC3S100E XC3S1200E XC3S1600E |
(XC3Sxx00E) Spartan-3E FPGA Family
|
Xilinx
|
XA3S1200E XA3S500E XA3S250E XA3S1600E DS635 XA3S10 |
XA Spartan-3E Automotive FPGA Family Data Sheet FPGA, 1164 CLBS, 500000 GATES, 572 MHz, PQFP100 FPGA, 2168 CLBS, 1200000 GATES, 572 MHz, PBGA256 Proven advanced 90-nanometer process technology
|
Xilinx, Inc XILINX INC
|
XC2S15 XC2S50 XC2S30 XC2S150 XC2S100 XC2S200 |
Spartan-II 2.5V FPGA(Spartan-II 2.5V现场可编程门阵列)
|
Xilinx, Inc.
|
XC3S400 XC3S5000-4CP132C XC3S5000-4CP132I XC3S5000 |
Spartan-3 FPGA FPGA, 192 CLBS, 50000 GATES, PBGA132 CSP-132
|
Xilinx, Inc.
|
XC17S00 DS030 17S20PC 17S30LPC 17S10PC XC17S05XLSO |
Spartan 3.3V one-time programmable configuration PROM. Configuration bits 781248. Product Specification From old datasheet system SPARTAN FAMILY OF ONE-TIME PROGRAMMABLE CONFIGURATION PROMS Spartan 3.3V one-time programmable configuration PROM. Configuration bits 1040128. Spartan Family of One-Time
|
XILINX[Xilinx, Inc]
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
XC3SD3400A-4CSG484LI XC3SD3400A-4FGG676C |
Extended Spartan-3A FPGAs, Package: 4CSG484LI FPGA, 5968 CLBS, 3400000 GATES, 250 MHz, PBGA484 Extended Spartan-3A FPGAs, Package: 4FGG676C FPGA, 5968 CLBS, 3400000 GATES, 250 MHz, PBGA676
|
Xilinx, Inc. XILINX INC
|
EK-S6-SP605-G |
Spartan -6 FPGA SP605 eval uation kit
|
Xilinx, Inc
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
XCS05-3VQ100C XCS20XL |
From old datasheet system Spartan and Spartan-XL Families
Field Programmable Gate Arrays
|
XILINX
|
LAXP2-5E-5TN144E LAXP2-8E-5QN208E LAXP2-8E-5TN144E |
Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free csBGA; Pins: 132; Temperature: AUTO; LUTs (k): 8
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
|